Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM6675 Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce PM6675
Description  Very fast load transient response using constant on-time control loop
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675 Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button PM6675 Datasheet HTML 39Page - STMicroelectronics PM6675 Datasheet HTML 40Page - STMicroelectronics PM6675 Datasheet HTML 41Page - STMicroelectronics PM6675 Datasheet HTML 42Page - STMicroelectronics PM6675 Datasheet HTML 43Page - STMicroelectronics PM6675 Datasheet HTML 44Page - STMicroelectronics PM6675 Datasheet HTML 45Page - STMicroelectronics PM6675 Datasheet HTML 46Page - STMicroelectronics PM6675 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PM6675
Application information
43/47
Then calculate R in order to have enough ripple voltage on the integrator input:
Equation 54
Where RVESR is the new virtual output capacitor ESR. A good trade-off is to consider an
equivalent ESR of 30-50m
Ω , even though the choice depends on inductor current ripple.
Then choose R1 as follows:
Equation 55
C
R
L
R
VESR ⋅
=
C
f
1
R
C
f
1
R
1
R
Z
Z
⋅
⋅
π
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⋅
⋅
π
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47