Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LNBH30 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce LNBH30
Description  Selectable output current limit by external resistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH30 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button LNBH30 Datasheet HTML 19Page - STMicroelectronics LNBH30 Datasheet HTML 20Page - STMicroelectronics LNBH30 Datasheet HTML 21Page - STMicroelectronics LNBH30 Datasheet HTML 22Page - STMicroelectronics LNBH30 Datasheet HTML 23Page - STMicroelectronics LNBH30 Datasheet HTML 24Page - STMicroelectronics LNBH30 Datasheet HTML 25Page - STMicroelectronics LNBH30 Datasheet HTML 26Page - STMicroelectronics LNBH30 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
LNBH30
Package information
DocID023739 Rev 2
25/27
Table 13: QFN16 (4x4 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
A3
0.20
b
0.25
0.30
0.35
D
3.90
4.00
4.10
D2
2.50
2.80
E
3.90
4.00
4.10
E
3.90
4.00
4.10
E2
2.50
2.80
e
0.65
L
0.30
0.40
0.50
Figure 10: QFN16 (4x4 mm) recommended footprint
7571203_A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27