Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6788A Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce L6788A
Description  High current internal drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6788A Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button L6788A Datasheet HTML 10Page - STMicroelectronics L6788A Datasheet HTML 11Page - STMicroelectronics L6788A Datasheet HTML 12Page - STMicroelectronics L6788A Datasheet HTML 13Page - STMicroelectronics L6788A Datasheet HTML 14Page - STMicroelectronics L6788A Datasheet HTML 15Page - STMicroelectronics L6788A Datasheet HTML 16Page - STMicroelectronics L6788A Datasheet HTML 17Page - STMicroelectronics L6788A Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Mechanical data and package dimensions
L6788A
16/18
Doc ID 15341 Rev 2
5
Mechanical data and package dimensions
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 4.
VFQFPN40 package mechanical data
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
0.800
0.900
1.000
0.031
0.035
0.039
A1
0.020
0.050
0.0008 0.0019
b
0.180
0.250
0.300
0.007
0.009
0.012
D
5.900
6.000
6.100
0.232
0.236
0.240
D2
3.950
4.100
4.200
0.155
0.161
0.165
E
5.900
6.000
6.100
0.232
0.236
0.240
E2
3.950
4.100
4.200
0.155
0.161
0.165
e
0.500
0.020
L
0.300
0.400
0.500
0.012
0.015
0.018
ddd
0.080
0.003
VFQFPN40 ( 6x6x1.0mm)
Very Fine Quad Flat Package No lead
ddd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18