Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6751C Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce L6751C
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751C Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button L6751C Datasheet HTML 29Page - STMicroelectronics L6751C Datasheet HTML 30Page - STMicroelectronics L6751C Datasheet HTML 31Page - STMicroelectronics L6751C Datasheet HTML 32Page - STMicroelectronics L6751C Datasheet HTML 33Page - STMicroelectronics L6751C Datasheet HTML 34Page - STMicroelectronics L6751C Datasheet HTML 35Page - STMicroelectronics L6751C Datasheet HTML 36Page - STMicroelectronics L6751C Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
DocID025037 Rev 1
33/57
L6751C
Output voltage positioning
57
During a falling DVID transition, the REF pin moves according to the DVID command
issued; the current requested to charge/discharge the RREF/CREF network is mirrored and
added to the droop current compensating for undershoot on the regulated voltage.
Figure 10. DVID optimization circuit
Ref
REF
RREF
CREF
Ref
COMP
RF
CF
RFB
ZF(s)
ZFB(s)
FBR
To VddCORE
(Remote Sense)
RGND
Ref. from DAC
AM14817v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57