Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6717ATR Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce L6717ATR
Description  Dynamic phase management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717ATR Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button L6717ATR Datasheet HTML 6Page - STMicroelectronics L6717ATR Datasheet HTML 7Page - STMicroelectronics L6717ATR Datasheet HTML 8Page - STMicroelectronics L6717ATR Datasheet HTML 9Page - STMicroelectronics L6717ATR Datasheet HTML 10Page - STMicroelectronics L6717ATR Datasheet HTML 11Page - STMicroelectronics L6717ATR Datasheet HTML 12Page - STMicroelectronics L6717ATR Datasheet HTML 13Page - STMicroelectronics L6717ATR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
Pins description and connection diagrams
L6717A
10/57
DocID024465 Rev 1
5
FB
CORE error amplifier inverting input.
Connect with a resistor R
FB
to VSEN and with an R
F
- C
F
to COMP. Droop current for
voltage positioning is sourced from this pin.
6
VSEN
CORE output voltage monitor.
It manages OVP and UVP protections and PWRGOOD. Connect to the positive side
of the load for remote sensing. See
Section 8 for details.
7FBG
CORE remote ground sense.
Connect to the negative side of the load for remote sensing. See
Section 11 for proper
layout of this connection.
8LTB
LTB Technology
®
input pin.
Connect through an R
LTB
- C
LTB
network to the regulated voltage (CORE section) to
detect load transient. See
Section 12 for details.
9
NB_COMP
NB error amplifier output.
Connect with an R
F_NB
- C
F_NB
to NB_FB.
The NB section and/or the device cannot be disabled by grounding this pin.
10
NB_FB
NB error amplifier inverting input.
Connect with a resistor R
FB_NB
to NB_VSEN and with an R
F_NB
- C
F_NB
to NB_COMP.
Droop current for Voltage Positioning is sourced from this pin.
11
NB_VSEN
NB output voltage monitor.
It manages OVP and UVP protections and PWRGOOD. Connect to the positive side
of the NB load to perform remote sensing. See
Section 11 for proper layout of this
connection.
12
NB_FBG
NB remote ground sense.
Connect to the negative side of the load to perform remote sense. See
Section 11 for
proper layout of this connection.
13
ILIM
CORE overcurrent pin.
A current I
LIM
=DCR/R
G
*I
OUT
proportional to the current delivered by the CORE
section is sourced from this pin. The OC threshold is programmed by connecting a
resistor R
ILIM
to SGND. When the generated voltage crosses the OC_TOT threshold
(V
OC_TOT
= 2.5V Typ) the device latches with all MOSFETs OFF (to recover, cycle
VCC or the EN pin).
This pin is monitored for dynamic phase management.
Filter with proper capacitor to provide OC masking time (0.5mSec typ time constant).
See
Section 8.4.1 for details.
14
OSC / EN /
FLT
OSC: It allows programming the switching frequency F
SW
of both Sections. Switching
frequency can be increased according to the resistor R
OSC
connected to SGND with a
gain of 10kHz/μA (see
Section 9 for details). If floating, the switching frequency is
200kHz per phase.
EN: Pull-low to disable the device. When set free, the device immediately checks for
the VID1 status to determine the SVI / PVI protocol to be adopted and configures itself
accordingly.
FLT: The pin is forced high (3.3V) in case of an OV / UV fault. To recover from this
condition, cycle VCC or the EN pin.
Drive with open drain circuit. See
Section 8 for details.
Table 2. Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57