Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER0PLDTR Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce VIPER0PLDTR
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0PLDTR Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button VIPER0PLDTR Datasheet HTML 28Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 29Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 30Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 31Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 32Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 33Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 34Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 35Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
VIPer0P
Package information
DocID028423 Rev 2
33/36
Table 11: SO16N mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.75
A1
0.1
0.25
A2
1.25
b
0.31
0.51
c
0.17
0.25
D
9.8
9.9
10
E
5.8
6
6.2
E1
3.8
3.9
4
e
1.27
h
0.25
0.5
L
0.4
1.27
k
0
8
ccc
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36