Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1955 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce UM1955
Description  Getting started with the multifunctional expansion board based on operational amplifiers for STM32 Nucleo
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1955 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button UM1955 Datasheet HTML 9Page - STMicroelectronics UM1955 Datasheet HTML 10Page - STMicroelectronics UM1955 Datasheet HTML 11Page - STMicroelectronics UM1955 Datasheet HTML 12Page - STMicroelectronics UM1955 Datasheet HTML 13Page - STMicroelectronics UM1955 Datasheet HTML 14Page - STMicroelectronics UM1955 Datasheet HTML 15Page - STMicroelectronics UM1955 Datasheet HTML 16Page - STMicroelectronics UM1955 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
DocID028405 Rev 1
13/28
UM1955
LED driver configuration
28
6
LED driver configuration
The LED driver configuration allows users to drive an LED with a constant current. As
shown in Figure 7, when the forward voltage varies, the current and thus the light intensity is
highly variable.
Figure 7. Forward current vs. forward voltage
This is why it is recommended to control the LED by current, and thus this architecture is
useful.
6.1
Schematic diagram
Figure 8 shows the circuit schematic of the LED driver configuration.
Figure 8. LED driver configuration circuit schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28