Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1766 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce UM1766
Description  Getting started with STM32CubeF3 for STM32F3 Series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1766 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button UM1766 Datasheet HTML 17Page - STMicroelectronics UM1766 Datasheet HTML 18Page - STMicroelectronics UM1766 Datasheet HTML 19Page - STMicroelectronics UM1766 Datasheet HTML 20Page - STMicroelectronics UM1766 Datasheet HTML 21Page - STMicroelectronics UM1766 Datasheet HTML 22Page - STMicroelectronics UM1766 Datasheet HTML 23Page - STMicroelectronics UM1766 Datasheet HTML 24Page - STMicroelectronics UM1766 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Getting started with STM32CubeF3
UM1766
21/29
DocID026352 Rev 8
7.
Develop your application
At this stage, your system is ready and you can start developing your application code.
a)
The HAL provides intuitive and ready to use APIs to configure the peripheral, and
support polling, IT and DMA programming model, to accommodate any
application requirements. For more details on how to use each peripheral, refer to
the extensive set of examples provided.
b)
If your application has some real time constraints, you can find a large set of
examples showing how to use FreeRTOS and its integration with all middleware
stacks provided within STM32CubeF3. This can be a good starting point for your
development.
Caution:
In the default HAL implementation, SysTick timer is the source of time base. It is used to
generate interrupts at regular time intervals. Take care if HAL_Delay() is called from the
peripheral ISR process. The SysTick interrupt must have higher priority (numerically lower)
than the peripheral interrupt. Otherwise, the caller ISR process is blocked. Functions
affecting the time base configurations are declared as __weak to make the override
possible in case of other implementations in user file (using a general purpose timer for
example or other time source). For more details please refer to HAL_TimeBase example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29