| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1574 Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1574 Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 48 page ![]() UM1574 Hardware and layout Doc ID 023645 Rev 1 33/48 4.3.6 STM8AL board solder bridges 1. Default SBx state is shown in bold. 4.3.7 STM8AL board jumpers selection Table 8. STM8AL board solder bridges Bridge State Description SB1 (Reserved) ON Reserved, do not modify. SB2 (STM_RST) OFF NRST signal of STM32F103C8T6 (ST-LINK/V2) is not connected to GND. ON NRST signal of STM32F103C8T6 (ST-LINK/V2) is connected to GND. SB3 (MCO) OFF MCO clock from STM32F103C8T6 is not connected to PA2 (OSC_IN) of STM8AL3L68T. ON MCO clock from STM32F103C8T6 is connected to PA2 (OSC_IN) of STM8AL3L68T. SB4, 5 (Reserved) OFF Reserved, do not modify. SB6, 7, 8 (IDD circuitry) ON IDD measurement circuitry and features connected. OFF IDD measurement circuitry and features are not connected (freeing PF0, PC4 and PE6). SB9, 10 (Xtal 32.768 kHz) OFF PC5 and PC6 of STM8AL3L68T are free for general purpose I/Os. ON PC5 and PC6 of STM8AL3L68T are connected to 32.768 kHz crystal oscillator (if fitted on board). SB11 (L99PM62GXP Reset) OFF NRESET of L99PM62GXP is not connected to STM8AL3L68T Reset pin (external watchdog disable). ON NRESET of L99PM62GXP is connected to STM8AL3L68T Reset pin (external watchdog enable). SB12 (Reserved) ON Reserved, do not modify. SB13, 14 (USB5V) ON USB5V is distributed on CN3/CN4 connectors (USB5V can drive an external board connected to CN3 and CN4). OFF USB5V is not distributed on CN3/CN4 connectors. SB15, 16 (Reserved) ON Reserved, do not modify. Table 9. STM8AL board jumpers selection Jumper State(1) 1. Default jumper state is shown in bold. Description JP1 (Reserved) OFF Reserved, do not modify. JP2 (IDD) 1-2 OFF Ibias measurement selection. 2-3 ON IDD measurement selection. JP3 (Reserved) 2-3 Reserved, do not modify. |