| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1539 Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1539 Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 46 page ![]() Getting started UM1539 18/46 Doc ID 023106 Rev 1 Figure 10. STTS751 sensor address selection connector CN5 Figure 11. GUI window for the STTS751 1.2.15 GUI window for the STTS2002 temperature sensor The STTS2002 is a digital temperature sensor with an on-chip 2 Kb EEPROM. Below are the steps to operate the STTS2002 sensor in GUI mode: 1. Plug the daughter card of the STTS2002 on the motherboard. 2. Select the sensor option for the STTS2002 from the GUI, as shown in Figure 12. 3. Check the address from the “Choose Address” area. If the address configured onboard (explained in Section 1.2.5) is different from the address selected from the GUI, an AM12164v1 STTS751 sensor address selection connector CN6 |