Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1502 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce UM1502
Description  STEVAL-MKI111V1 - water level detection based on the LPS001WP MEMS pressure sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1502 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button UM1502 Datasheet HTML 5Page - STMicroelectronics UM1502 Datasheet HTML 6Page - STMicroelectronics UM1502 Datasheet HTML 7Page - STMicroelectronics UM1502 Datasheet HTML 8Page - STMicroelectronics UM1502 Datasheet HTML 9Page - STMicroelectronics UM1502 Datasheet HTML 10Page - STMicroelectronics UM1502 Datasheet HTML 11Page - STMicroelectronics UM1502 Datasheet HTML 12Page - STMicroelectronics UM1502 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
UM1502
Board description
Doc ID 022625 Rev 1
9/23
Figure 4.
STEVAL-MKI111V1 circuit schematic - part 2
2.3
How the system works
The demonstration board functionality can be tested with or without the container. In fact,
even if no container is connected to the demonstration board through the rubber tube, all
signals are clearly visible by means of a scope. Pressure and temperature can also be read
in real-time by connecting the demonstration board to an ST debugging tool with SWIM
interface.
2.3.1
Startup
After powering up the demonstration board, the RUN LED turns on, indicating that the
system is working correctly. The OFS LED blinks, indicating that the pressure reference has
not been set yet. The LED bar is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23