Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0285 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce UM0285
Description  Evaluation Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0285 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button UM0285 Datasheet HTML 24Page - STMicroelectronics UM0285 Datasheet HTML 25Page - STMicroelectronics UM0285 Datasheet HTML 26Page - STMicroelectronics UM0285 Datasheet HTML 27Page - STMicroelectronics UM0285 Datasheet HTML 28Page - STMicroelectronics UM0285 Datasheet HTML 29Page - STMicroelectronics UM0285 Datasheet HTML 30Page - STMicroelectronics UM0285 Datasheet HTML 31Page - STMicroelectronics UM0285 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Supported commands
UM0285
28/32
7.2.9
Firmware version
The *ver command inquiries the evaluation kit and returns the version of the FW loaded on
the microprocessor mounted on it.
7.3
Quick Start
This section shows the basic sequence of commands to start a data communication session
and to retrieve the acceleration data from Evaluation kit.
1.
Connect the EK3LV02DL to the USB port
2.
Start the “Hyper Terminal” and configure it as described in section 7.1
3.
Inside the “Hyper Terminal” window enter the command *Zoff to enable the control of
the SPI line from the ST7-USB microcontroller
4.
Send the *debug command to get the acceleration data measured from the senor
5.
Send *stop to stop the continuos acquisition and visualization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32