Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0240 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce UM0240
Description  ST Industrial Communication Board - EVALCOMMBOARD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0240 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button UM0240 Datasheet HTML 17Page - STMicroelectronics UM0240 Datasheet HTML 18Page - STMicroelectronics UM0240 Datasheet HTML 19Page - STMicroelectronics UM0240 Datasheet HTML 20Page - STMicroelectronics UM0240 Datasheet HTML 21Page - STMicroelectronics UM0240 Datasheet HTML 22Page - STMicroelectronics UM0240 Datasheet HTML 23Page - STMicroelectronics UM0240 Datasheet HTML 24Page - STMicroelectronics UM0240 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
UM0240
Interfaces and connectors
21/39
Setting:
Open = for ICC use
Closed = for LEDs use
Jumper J11 disconnects the RS-232 level shifter from the power supply.
This reduces power consumption if the RS-232 interface is not used and frees MCU pins for
another use. (Level shifter pins output are in Tri-state mode when device is off.)
Setting:
Open = RS-232 off
Closed = RS-232 on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39