| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0139 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0139 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 38 page ![]() UM0139 Connecting to the application board for emulation 13/38 2.5 DIP8 microcontroller package 1. Solder the a SO8/DIP8 device adapter (DB646) onto your application board. 2. Align the pin 1 indicators of the DB483A flex adapter and the DIP16/SO8 device adapter (DB645), then insert the flex adapter’s pins into the device adapter as shown in Figure 9. 3. Align the pin 1 indicator of the DIP16/SO8 device adapter with the pin 1 indicator for the SO8/DIP8 device adapter (DB646) on your application board, then insert the pins of the SO8/DIP8 device adapter into the DIP16/SO8 device adapter (see Figure 9). Figure 9. DIP8 connection Pin 1 indicators Application board Flex adapter (DB483A) DIP16/SO8 Device adapter (DB645) SO8/DIP8 Device adapter (DB646) |