| Moteur de recherche de fiches techniques de composants électroniques |
|
STCC5011IQTR Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCC5011IQTR Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 37 page ![]() DocID024660 Rev 6 13/37 STCC5011, STCC5021 Application information 37 5.1 Supported modes For more information refer to Section 5.4: State machine. The STCC5011/STCC5021 device supports the following modes: • SDP BC1.2 • CDP BC1.2 • SDP with remote wakeup for all USB devices • CDP with remote wakeup for low-speed USB devices with automatic transition to DCP auto-mode if a full-speed/high-speed USB device attached or after a USB device detached • DCP auto-detect: this mode permits auto-detection of charging modes between DCP BC1.2 (shorted D+, D-) and divider charging mode. It also supports BlackBerry charging mode and can charge legacy devices and Korean tablets. • Forced DCP BC1.2 mode • Forced DCP divider mode The auto-detect mode starts in divider mode. If a charging negotiation attempt is detected, there is an automatic transition to DCP BC1.2 mode. It is preceded by a VBUS discharge pulse to initialize the proper BC1.2 handshake process. If the BC1.2 device is detached, the circuit automatically returns to divider mode after a 10 s (typ.) timeout. Note: From the application point of view it means that after removing one device the user should wait for approx. 15 s before attaching another device. Selection between these modes is made through the CTLx control pins. The CTLx pins may be controlled by the host in different ways: • GPIO from the embedded controller • Hardware signals from the USB host controller (SLP_S3#, SLP_S4#) and the AC_adapter signal from the embedded controller • Hardware signal SUSPEND from the embedded controller and AC_ADAPTER. Table 5. Truth table control pins CTLx(1) Host state CTL1 CTL2 CTL3 Mode description 0 0 0 Device off, output discharge S0, S1 (S3)(2) 11 0 SDP S0, S1, (S3)(2) 1 1 1 CDP BC1.2 with charging detection. S3, (S0, S1)(2) 0 1 0 SDP with remote wakeup for all USB devices S3 0 1 1 CDP with remote wakeup for low-speed USB devices / DCP auto-mode for full-speed or high-speed USB devices or after a USB device detached. S4, S5 0 0 1 DCP auto-detect mode without remote wakeup, with charging detection S4, S5 1 0 1 Forced DCP divider mode with charging detection S4, S5 1 0 0 Forced DCP BC1.2 mode with charging detection 1. On the transition from the CTLx = 111 to CTLx = 001, a synchronous transition of the CTL1 and CTL2 must be ensured. 2. See Section 5.2 for further information. |