Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST2S06 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce ST2S06
Description  Synchronous rectification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S06 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button ST2S06 Datasheet HTML 10Page - STMicroelectronics ST2S06 Datasheet HTML 11Page - STMicroelectronics ST2S06 Datasheet HTML 12Page - STMicroelectronics ST2S06 Datasheet HTML 13Page - STMicroelectronics ST2S06 Datasheet HTML 14Page - STMicroelectronics ST2S06 Datasheet HTML 15Page - STMicroelectronics ST2S06 Datasheet HTML 16Page - STMicroelectronics ST2S06 Datasheet HTML 17Page - STMicroelectronics ST2S06 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
DocID13866 Rev 6
15/18
ST2S06
Package mechanical data
18
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
99
101
3.898
3.976
T
14.4
0.567
Ao
4.35
0.171
Bo
4.35
0.171
Ko
1.1
0.043
Po
4
0.157
P
8
0.315
Tape & reel QFNxx/DFNxx (4x4) mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18