| Moteur de recherche de fiches techniques de composants électroniques |
|
LK115 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LK115 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 14 page ![]() DocID2575 Rev 5 5/14 LK115 Maximum ratings 14 3 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. Table 3. Absolute maximum ratings Symbol Parameter Value Unit VI DC input voltage 20 V IO Output current Internally limited PTOT Power dissipation Internally limited TSTG Storage temperature range -40 to 150 °C TOP Operating junction temperature range -40 to 125 °C |