Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LE33CD-TR Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce LE33CD-TR
Description  Very low-dropout voltage regulator with inhibit function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LE33CD-TR Fiches technique(HTML) 5 Page - STMicroelectronics

  LE33CD-TR Datasheet HTML 1Page - STMicroelectronics LE33CD-TR Datasheet HTML 2Page - STMicroelectronics LE33CD-TR Datasheet HTML 3Page - STMicroelectronics LE33CD-TR Datasheet HTML 4Page - STMicroelectronics LE33CD-TR Datasheet HTML 5Page - STMicroelectronics LE33CD-TR Datasheet HTML 6Page - STMicroelectronics LE33CD-TR Datasheet HTML 7Page - STMicroelectronics LE33CD-TR Datasheet HTML 8Page - STMicroelectronics LE33CD-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LEXX
Maximum ratings
DocID2573 Rev 15
5/24
3
Maximum ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
20
V
IO
Output current
Internally limited (1)
PTOT
Power dissipation
Internally limited
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
-40 to 125
°C
Notes:
(1)Our SO-8 package, used for voltage regulators, is modified internally to have pins 2, 3, 6 and 7 electrically fused
to the die attach pad. This frame decreases the total thermal resistance of the package and increases its ability to
dissipate power when an appropriate area of copper on the printed circuit board is available for heatsinking. The
external dimensions are the same as SO-8 standard.
Table 3: Thermal data
Symbol
Parameter
SO-8
TO-92
Unit
RthJC
Thermal resistance junction-case
20
°C/W
RthJA
Thermal resistance junction-ambient
55
200
°C/W
Figure 3: Test circuit
If the INHIBIT pin is left floating, the regulator is in ON mode. However, when the
inhibit function is not used, it should be grounded to avoid any noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24