Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LEXX Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce LEXX
Description  Very low-dropout voltage regulator with inhibit function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEXX Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button LEXX Datasheet HTML 12Page - STMicroelectronics LEXX Datasheet HTML 13Page - STMicroelectronics LEXX Datasheet HTML 14Page - STMicroelectronics LEXX Datasheet HTML 15Page - STMicroelectronics LEXX Datasheet HTML 16Page - STMicroelectronics LEXX Datasheet HTML 17Page - STMicroelectronics LEXX Datasheet HTML 18Page - STMicroelectronics LEXX Datasheet HTML 19Page - STMicroelectronics LEXX Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Package information
LEXX
16/24
DocID2573 Rev 15
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
6.1
SO-8 package information
Figure 13: SO-8 package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24