Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDF25PT-TR Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce LDF25PT-TR
Description  1 A very low drop voltage regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDF25PT-TR Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button LDF25PT-TR Datasheet HTML 15Page - STMicroelectronics LDF25PT-TR Datasheet HTML 16Page - STMicroelectronics LDF25PT-TR Datasheet HTML 17Page - STMicroelectronics LDF25PT-TR Datasheet HTML 18Page - STMicroelectronics LDF25PT-TR Datasheet HTML 19Page - STMicroelectronics LDF25PT-TR Datasheet HTML 20Page - STMicroelectronics LDF25PT-TR Datasheet HTML 21Page - STMicroelectronics LDF25PT-TR Datasheet HTML 22Page - STMicroelectronics LDF25PT-TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
LDF
Package information
DocID025502 Rev 2
19/33
Figure 30: DFN6 (3x3) reel outline
Table 8: DFN6 (3x3) tape and reel mechanical data
Dim.
mm
Min.
Typ.
Max.
A0
3.20
3.30
3.40
B0
3.20
3.30
3.40
K0
1
1.10
1.20
7875978_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33