| Moteur de recherche de fiches techniques de composants électroniques |
|
U321HG Fiches technique(PDF) 1 Page - NEC |
|
|
|||||||||||||||||||||||||||||
U321HG Fiches technique(HTML) 1 Page - NEC |
|
1 / 2 page ![]() NEC U321HG Order Code: NP-U321HG-B NEC Professional Ultra-Short-Throw Projector With 1080p resolution and 10.000:1 contrast, the U321HG delivers perfect image quality for very detailed content as well as high quality movies including 3D content from Blu-Ray players, thanks to HDMI 3D support. This ultra-short throw projector releases space within small to medium sized classrooms and meeting rooms, projecting onto screen sizes between 85-100” without creating shadow or glare. Demanding applications in higher education such as design and engineering will appreciate the 1080p resolution for the high level of detail achieved. Interactivity can be added retrospectively to this model with a multi-pen and/or multi-touch option. The U321HG is particularly suited for classrooms and small to medium sized meeting rooms. BENEFITS Great picture quality - thanks to 1080p resolution and 10000:1 contrast. Almost no shadow and glare - thanks to ultra-short throwing distance. Optional Multi-pen and Touch Interactivity - with auto-calibration on any kind of surface. Future proof connectivity - due to numerous analog and digital connection terminals including MHL support, network capability as well as optional wireless connectivity. Wall-mount included - for quick and easy installation, compatible with height adjustable systems. 3D ready - for playback of engaging 3D applications and movies. This document is © 2015 NEC Australia Pty Ltd. All rights reserved in favour of their respective owners. All hardware and software names are brand names and/or registered trademarks of the respective manufacturers. All specifications are subject to change without notice. Errors and omissions are excepted. 22.12.2015 au.nec.com |
Numéro de pièce similaire - U321HG |
|
Description similaire - U321HG |