| Moteur de recherche de fiches techniques de composants électroniques |
|
LD59015 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD59015 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 17 page ![]() Pin configuration LD59015 4/17 DocID17488 Rev 4 2 Pin configuration Figure 2. Pin connection (top view) Table 2. Pin description Pin n° Symbol Function 1 IN Input voltage 2 GND Ground 3EN Enable input Set VEN > 0.9 to turn on the device Set VEN < 0.4 to turn off the device 4 N.C. Not connected 5 OUT Output voltage |