Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD39015 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce LD39015
Description  Very low noise without bypass capacitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39015 Fiches technique(HTML) 4 Page - STMicroelectronics

  LD39015 Datasheet HTML 1Page - STMicroelectronics LD39015 Datasheet HTML 2Page - STMicroelectronics LD39015 Datasheet HTML 3Page - STMicroelectronics LD39015 Datasheet HTML 4Page - STMicroelectronics LD39015 Datasheet HTML 5Page - STMicroelectronics LD39015 Datasheet HTML 6Page - STMicroelectronics LD39015 Datasheet HTML 7Page - STMicroelectronics LD39015 Datasheet HTML 8Page - STMicroelectronics LD39015 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Pin configuration
LD39015
4/16
DocID14003 Rev 4
2
Pin configuration
Figure 2. Pin connection (top view)
SOT23-5L
SOT666
Table 2. Pin description
Pin n°
Symbol
Function
SOT666
SOT23-5L
1
3
EN
Enable pin logic input: low = shutdown, high = active
2
2
GND
Common ground
3
1
IN
LDO input voltage
4
5
OUT
Output voltage
5
4
NC
Not connected
6
NC
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16