Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6985F Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce L6985F
Description  Internal current limiting
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6985F Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button L6985F Datasheet HTML 19Page - STMicroelectronics L6985F Datasheet HTML 20Page - STMicroelectronics L6985F Datasheet HTML 21Page - STMicroelectronics L6985F Datasheet HTML 22Page - STMicroelectronics L6985F Datasheet HTML 23Page - STMicroelectronics L6985F Datasheet HTML 24Page - STMicroelectronics L6985F Datasheet HTML 25Page - STMicroelectronics L6985F Datasheet HTML 26Page - STMicroelectronics L6985F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
DocID027836 Rev 2
23/65
L6985F
Functional description
65
4.5
Light-load operation
The MLF pinstrapping during the power-up phase determines the light-load operation (refer
to Table 7 on page 11).
4.5.1
Low noise mode (LNM)
The low noise mode implements a forced PWM operation over the different loading
conditions. The LNM features a constant switching frequency to minimize the noise in the
final application and a constant voltage ripple at fixed VIN. The regulator in steady loading
condition never skip pulses and it operates in the continuous conduction mode (CCM) over
the different loading conditions thus making this operation mode ideal for noise sensitive
applications.
Figure 13. Low noise mode operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65