Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6739 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce L6739
Description  CPU and DSP power supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6739 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button L6739 Datasheet HTML 16Page - STMicroelectronics L6739 Datasheet HTML 17Page - STMicroelectronics L6739 Datasheet HTML 18Page - STMicroelectronics L6739 Datasheet HTML 19Page - STMicroelectronics L6739 Datasheet HTML 20Page - STMicroelectronics L6739 Datasheet HTML 21Page - STMicroelectronics L6739 Datasheet HTML 22Page - STMicroelectronics L6739 Datasheet HTML 23Page - STMicroelectronics L6739 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Application details
L6739
20/30
DocID026384 Rev 1
For example, Figure 10 shows an asymptotic bode plot of a type III compensation.
Figure 10. Example of type III compensation
Open loop converter singularities:
Equation 10
a)
b)
Compensation network singularities frequencies:
Equation 11
a)
b)
c)
d)
FLC
1
2
 LC
OUT
----------------------------------
=
FESR
1
2
 C
OUT ESR

--------------------------------------------
=
FZ1
1
2
 R
F CF

------------------------------
=
FZ2
1
2
 R
FB
RS
+
 C
S

-----------------------------------------------------
=
FP1
1
2
 R
F
CF CP
CF CP
+
---------------------



--------------------------------------------------
=
FP2
1
2
 R
S CS

-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30