Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KFXX Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce KFXX
Description  Very low drop voltage regulators with inhibit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KFXX Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button KFXX Datasheet HTML 11Page - STMicroelectronics KFXX Datasheet HTML 12Page - STMicroelectronics KFXX Datasheet HTML 13Page - STMicroelectronics KFXX Datasheet HTML 14Page - STMicroelectronics KFXX Datasheet HTML 15Page - STMicroelectronics KFXX Datasheet HTML 16Page - STMicroelectronics KFXX Datasheet HTML 17Page - STMicroelectronics KFXX Datasheet HTML 18Page - STMicroelectronics KFXX Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
DocID4337 Rev 13
15/21
KFXX
Package mechanical data
21
Figure 12. SO-8 drawing
Table 9. SO-8 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.75
A1
0.10
0.25
A2
1.25
b0.31
0.51
b1
0.28
0.48
c0.10
0.25
c1
0.10
0.23
D
4.804.905.00
E
5.806.006.20
E1
3.80
3.90
4.00
e1.27
h0.25
0.50
L0.40
1.27
L1
1.04
L2
0.25
0016023_G_FU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21