Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A5975D Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce A5975D
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975D Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button A5975D Datasheet HTML 23Page - STMicroelectronics A5975D Datasheet HTML 24Page - STMicroelectronics A5975D Datasheet HTML 25Page - STMicroelectronics A5975D Datasheet HTML 26Page - STMicroelectronics A5975D Datasheet HTML 27Page - STMicroelectronics A5975D Datasheet HTML 28Page - STMicroelectronics A5975D Datasheet HTML 29Page - STMicroelectronics A5975D Datasheet HTML 30Page - STMicroelectronics A5975D Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
A5975D
Application information
Doc ID 018760 Rev 1
27/50
Figure 13.
Layout example
8.3
Thermal considerations
8.3.1
Thermal resistance RTHJ-A
RTHJ-A is the equivalent static thermal resistance junction-to-ambient of the device; it can be
calculated as the parallel of many paths of heat conduction from the junction to the ambient.
For this device, the path through the exposed pad is the one conducting the largest amount
of heat. The static RTHJ-A measured on the application is about 40 °/W.
The junction temperature of the device is:
Equation 22
The dissipated power of the device is tied to three different sources:
●
Conduction losses due to the not insignificant RDS(on), which are equal to:
Equation 23
where D is the duty cycle of the application. Note that the duty cycle is theoretically given by
the ratio between VOUT and VIN, but in practice it is substantially higher than this value to
compensate for the losses in the overall application. For this reason, the switching losses
related to the RDS(on) increase compared to an ideal case.
T
J
T
A
R
thJA
P
TOT
⋅
+
=
P
ON
R
DS on
()
I
OUT
()
⋅
2
D
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50