Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP30C Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce TIP30C
Description  Low voltage PNP power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP30C Fiches technique(HTML) 7 Page - STMicroelectronics

  TIP30C Datasheet HTML 1Page - STMicroelectronics TIP30C Datasheet HTML 2Page - STMicroelectronics TIP30C Datasheet HTML 3Page - STMicroelectronics TIP30C Datasheet HTML 4Page - STMicroelectronics TIP30C Datasheet HTML 5Page - STMicroelectronics TIP30C Datasheet HTML 6Page - STMicroelectronics TIP30C Datasheet HTML 7Page - STMicroelectronics TIP30C Datasheet HTML 8Page - STMicroelectronics TIP30C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
TIP30C
Package mechanical data
7/9
TO-220 mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.14
1.70
0.044
0.066
c0.49
0.70
0.019
0.027
D
15.25
15.75
0.6
0.62
D1
1.27
0.050
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F1.23
1.32
0.048
0.051
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L30
28.90
1.137
∅P
3.75
3.85
0.147
0.151
Q2.65
2.95
0.104
0.116



Html Pages

1 2 3 4 5 6 7 8 9