Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

48N60M2 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce 48N60M2
Description  Extremely low gate charge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

48N60M2 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button 48N60M2 Datasheet HTML 4Page - STMicroelectronics 48N60M2 Datasheet HTML 5Page - STMicroelectronics 48N60M2 Datasheet HTML 6Page - STMicroelectronics 48N60M2 Datasheet HTML 7Page - STMicroelectronics 48N60M2 Datasheet HTML 8Page - STMicroelectronics 48N60M2 Datasheet HTML 9Page - STMicroelectronics 48N60M2 Datasheet HTML 10Page - STMicroelectronics 48N60M2 Datasheet HTML 11Page - STMicroelectronics 48N60M2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
STW48N60M2-4
10/12
DocID026750 Rev 3
Table 8: TO247-4 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.90
5.00
5.10
A1
2.31
2.41
2.51
A2
1.90
2.00
2.10
b
1.16
1.29
b1
1.15
1.20
1.25
b2
0
0.20
c
0.59
0.66
c1
0.58
0.60
0.62
D
20.90
21.00
21.10
D1
16.25
16.55
16.85
D2
1.05
1.20
1.35
D3
24.97
25.12
25.27
E
15.70
15.80
15.90
E1
13.10
13.30
13.50
E2
4.90
5.00
5.10
E3
2.40
2.50
2.60
e
2.44
2.54
2.64
e1
4.98
5.08
5.18
L
19.80
19.92
20.10
P
3.50
3.60
3.70
P1
7.40
P2
2.40
2.50
2.60
Q
5.60
6.00
S
6.15
T
9.80
10.20
U
6.00
6.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12