| Moteur de recherche de fiches techniques de composants électroniques |
|
STUSB1600 Fiches technique(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB1600 Fiches technique(HTML) 60 Page - STMicroelectronics |
|
60 / 69 page ![]() Electrical characteristics STUSB1600 60/69 DocID028937 Rev 1 8.2 Operating conditions Table 49. Operating conditions Symbol Parameter Value Unit VDD Supply voltage on VDD pin 4.1 to 22 V VSYS Supply voltage on VSYS pin 3.0 to 5.5 VCC1, VCC2 VCC1DB, VCC2DB CC pins 0 to 5.5 VVBUS_EN_SRC VVBUS_EN_SNK VVBUS_SENSE High voltage pins 0 to 22 VSCL, VSDA VALERT# VRESET VA_B_SIDE Operating voltage on I/O pins 0 to 4.5 VCONN VCONN voltage 2.7 to 5.5 ICONN VCONN rated current (default = 0.35 A) 0.1 to 0.6 A TA Operating temperature -40 to 105 °C |