Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTS2004 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 27Page - STMicroelectronics STTS2004 Datasheet HTML 28Page - STMicroelectronics STTS2004 Datasheet HTML 29Page - STMicroelectronics STTS2004 Datasheet HTML 30Page - STMicroelectronics STTS2004 Datasheet HTML 31Page - STMicroelectronics STTS2004 Datasheet HTML 32Page - STMicroelectronics STTS2004 Datasheet HTML 33Page - STMicroelectronics STTS2004 Datasheet HTML 34Page - STMicroelectronics STTS2004 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
DocID024229 Rev 3
31/58
STTS2004
Temperature sensor registers
58
4.8
SMBus timeout
The STTS2004 supports the SMBus timeout feature. If the host holds SCL low for more
than ttimeout (max), the STTS2004 resets itself and releases the bus. This feature is
supported even when the device is in shutdown mode and when the device is driving SDA
low.
Figure 10. SMBus timeout timing diagram
SCL
SCL
tTIMEOUT(min)
tTIMEOUT(max)
SCL low < tTIMEOUT(min), device will not
Device detects SCL low ≥ tTIMEOUT(min)
SCL
Device may or may not
reset bus communication
and resets bus communication by tTIMEOUT(max)
reset bus communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58