| Moteur de recherche de fiches techniques de composants électroniques |
|
EXPRESSCLUSTER Fiches technique(PDF) 2 Page - NEC |
|
|
|||||||||||||||||||||||||||||
EXPRESSCLUSTER Fiches technique(HTML) 2 Page - NEC |
|
2 / 2 page ![]() • ExpressCluster X is a registered trademark of NEC Corporation. • Other product names and company names in this pamphlet are trademarks or registered trademarks of their respective holders. • Information in this pamphlet is subject to change without notice. © 2010 NEC Corporation NEC and the NEC logo are registered trademarks of NEC Corporation. Contact Information NEC Corporation - IT Platform Global Business Development Division Email: info@expresscluster.jp.nec.com For more information, visit Website: www.nec.com/expresscluster Cat.No. E06-10100002E As of October, 2010 ExpressCluster X Application Server File Server ExpressCluster X Database Internet Server ExpressCluster X Agent Anti-Virus Software In addition to monitoring to determine whether the various applications in a cluster are alive or dead, the status of the applica- tions including hang-up and abnormal response can be monitored. Five types of agents are available for each supported application. Add-On Options Support Matrix ExpressCluster X Agent Alert email can be sent to the administrator when a failure or failover occurs. In addition, the status of servers can be visually checked anytime through network warning lights. ExpressCluster X Alert Service File Server Agent is only available for the Linux version, and Anti-Virus Agent is only available for the Windows version. * Windows Linux Solaris OS Microsoft Windows Server 2008 Microsoft Windows Server 2008 R2 Microsoft Windows Server 2003 R2 SP2 Microsoft Windows Server 2003 SP2 Red Hat Enterprise Linux 5.5, 5.4 Novell SUSE LINUX Enterprise Server 10, 11 Asianux Server 3 Turbolinux 11 Server Turbolinux Appliance Server 3.0 Oracle Enterprise Linux 5 Cent OS 5.5, 5.4 Solaris10 10/08, 10/09 Virtual Environment VMware (vShpere 4, VI3), Hyper-V 1.0, 2.0, Citrix XenServer 5.5, Xen, KVM, PowerVM, Solaris Container (non-global zone) Architecture IA32, x86_64 IA32, x86_64, IA64, ppc64 x86, x86_64 Veri ed Applications with Agents Database Agent DB2, ODBC, Oracle, PostgreSQL, PowerGres, SQL Server DB2, Oracle, PostgreSQL, PowerGres, MySQL, Sybase Adaptive Server Enterprise Oracle, PostgreSQL, MySQL Internet Server Agent FTP, HTTP, IMAP4, POP3, SMTP FTP, HTTP, IMAP4, POP3, SMTP N/A Application Server Agent Tuxedo, WebLogic Server, WebSphere, WebOTX, Oracle Application Server Tuxedo, WebLogic Server, WebSphere, WebOTX, Oracle Application Server N/A File Server Agent N/A Samba, NFS Samba, NFS Case Studies Dream Island Department Store Co., Ltd. Retail, China Sumitomo Electric Semiconductor Materials, Inc. Manufacturing, United States Dream Island Department Store Co., Ltd. is a leading large scale retail store in Nanning city in Guangxi Province in China. Through the deployment of ExpressCluster, they successfully achieved high availability of critical database systems, ensured the stability of their key application systems and reduced Total Cost of Ownership (TCO) at once. Sumitomo Electric Semiconductor Materials, Inc. (SESMI) is a leading Gallium Arsenide (GaAs) semiconductor product manufacturer located in Oregon. Since deploying ExpressCluster, there have been no production process interruptions due to system failures. ROUX, specialized in the installation of electric, electronic and optical materials, has chosen ExpressCluster as the solution to protect and secure its SQL databases. This solution guarantees the performance of their production chain, allowing ROUX to offer an excellence in quality of service to its customers. ROUX ET CIE Manufacturing, France For more information, visit “http://www.nec.com/expresscluster” |