Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC5441 Fiches technique(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320VC5441
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441 Fiches technique(HTML) 46 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 42Page - Texas Instruments TMS320VC5441 Datasheet HTML 43Page - Texas Instruments TMS320VC5441 Datasheet HTML 44Page - Texas Instruments TMS320VC5441 Datasheet HTML 45Page - Texas Instruments TMS320VC5441 Datasheet HTML 46Page - Texas Instruments TMS320VC5441 Datasheet HTML 47Page - Texas Instruments TMS320VC5441 Datasheet HTML 48Page - Texas Instruments TMS320VC5441 Datasheet HTML 49Page - Texas Instruments TMS320VC5441 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 91 page
background image
Functional Overview
46
December 1999 − Revised October 2008
SPRS122F
3.2.5.1
Watchdog Timer Registers
There are four 16-bit registers associated with the watchdog timer.
•
WD Timer Counter Register (WDTIM)
•
WD Timer Period Register (WDPRD)
•
WD Timer Control Register (WDTCR)
•
WD Timer Second Control Register (WDTSCR)
3.2.5.2
WDTIM Register
This register contains the 16-bit watchdog counter value. It is decremented once every watchdog clock cycle.
3.2.5.3
WDPRD Register
This register is used to reload the WD timer counter register (WDTIM).
3.2.5.4
WDTCR Register
This register provides the control and status information. WDTCR bit fields are as shown in Figure 3−23 and
are described in Table 3−12.
15
14
13
12
11
10
98
7
6
5
43210
Reserved
SOFT
FREE
PSC
Reserved
TDDR
R/W+0
R/W+0
R
R/W+1111
LEGEND: R = Read, W = Write, +0 = Value at reset
Figure 3−23. Watchdog Timer Control Register (WDTCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91