| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320VC5416 Fiches technique(PDF) 93 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5416 Fiches technique(HTML) 93 Page - Texas Instruments |
|
93 / 98 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 15-Apr-2017 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples DVC5416PGE160IDWLD ACTIVE LQFP PGE 144 60 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 100 320VC5416 PGE 160 TMS DVC5416PGE160TOOAN ACTIVE LQFP PGE 144 60 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 100 320VC5416 PGE 160 TMS DVC5416ZGU160IDWLD ACTIVE BGA MICROSTAR ZGU 144 160 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 100 DVC5416ZGU 160 TMS320VC5416GGU120 ACTIVE BGA MICROSTAR GGU 144 160 TBD SNPB Level-3-220C-168 HR -40 to 100 DVC5416GGU 120 TMS320VC5416GGU160 ACTIVE BGA MICROSTAR GGU 144 160 TBD SNPB Level-3-220C-168 HR -40 to 100 DVC5416GGU 160 TMS320VC5416PGE120 ACTIVE LQFP PGE 144 60 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 100 320VC5416PGE 120 TMS TMS320VC5416PGE160 ACTIVE LQFP PGE 144 60 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 100 320VC5416 PGE 160 TMS TMS320VC5416ZGU120 ACTIVE BGA MICROSTAR ZGU 144 1 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 100 DVC5416ZGU 120 TMS320VC5416ZGU160 ACTIVE BGA MICROSTAR ZGU 144 160 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 100 DVC5416ZGU 160 TX5416PGE ACTIVE LQFP PGE 144 60 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 100 320VC5416 PGE 160 TMS (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. |