Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSPIN250 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce STSPIN250
Description  Low voltage brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN250 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button STSPIN250 Datasheet HTML 16Page - STMicroelectronics STSPIN250 Datasheet HTML 17Page - STMicroelectronics STSPIN250 Datasheet HTML 18Page - STMicroelectronics STSPIN250 Datasheet HTML 19Page - STMicroelectronics STSPIN250 Datasheet HTML 20Page - STMicroelectronics STSPIN250 Datasheet HTML 21Page - STMicroelectronics STSPIN250 Datasheet HTML 22Page - STMicroelectronics STSPIN250 Datasheet HTML 23Page - STMicroelectronics STSPIN250 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Device description
STSPIN250
20/26
DocID029872 Rev 2
6.5
Thermal shutdown
The device embeds circuitry protecting it from the overtemperature condition.
When the thermal shutdown temperature is reached the power stage is disabled and the
EN\FAULT input is forced low through the integrated open-drain MOSFET.
The protection and the EN\FAULT output are released when the IC temperature returns
below a safe operating value (TjSD - TjSD,Hyst).
Figure 11. Thermal shutdown management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26