Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TNETV2685FIDZUT5 Fiches technique(PDF) 96 Page - Texas Instruments

No de pièce TNETV2685FIDZUT5
Description  Digital Media Processor
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2685FIDZUT5 Fiches technique(HTML) 96 Page - Texas Instruments

Back Button TNETV2685FIDZUT5 Datasheet HTML 92Page - Texas Instruments TNETV2685FIDZUT5 Datasheet HTML 93Page - Texas Instruments TNETV2685FIDZUT5 Datasheet HTML 94Page - Texas Instruments TNETV2685FIDZUT5 Datasheet HTML 95Page - Texas Instruments TNETV2685FIDZUT5 Datasheet HTML 96Page - Texas Instruments TNETV2685FIDZUT5 Datasheet HTML 97Page - Texas Instruments TNETV2685FIDZUT5 Datasheet HTML 98Page - Texas Instruments TNETV2685FIDZUT5 Datasheet HTML 99Page - Texas Instruments TNETV2685FIDZUT5 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 191 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
6.8
Interrupts
The C64x+ DSP interrupt controller combines device events into 12 prioritized interrupts. The source for
each of the 12 CPU interrupts is user programmable. Also, the interrupt controller controls the generation
of the CPU exception, NMI, and emulation interrupts and the generation of AEG events. Table 6-27
summarizes the C64x+ interrupt controller registers and memory locations. For more details on DSP
interrupt control, see TMS320DM647/TMS320DM648 DSP Subsystem Reference Guide (literature
number SPRUEU6).
Table 6-26. DSP Interrupt Events
DSP
EVENT
INTERRUPT SOURCE
INTERRUPT
EVENT NUMBER
0
EVT0
Output of event combiner 0, for events 1 – 31
1
EVT1
Output of event combiner 1, for events 32 – 63
2
EVT2
Output of event combiner 2, for events 64 – 95
3
EVT33
Output of event combiner 3, for events 96 – 127
4-8
Reserved
9
EMU_DTDMA
ECM interrupt for:
Host scan access event
DTDMA transfer complete event
AET interrupt event
10
Reserved
Reserved
11
EMU_RTDXRX
RTDX receive complete event
12
EMU_RTDXTX
RTDX transmit complete event
13
IDMA0 EMC
C64x+ EMC 0 event
14
IDMA1 EMC
C64x+ EMC 1 event
15
DSPINT
Host (PCI/HPI) to DSP interrupt event
16
I2CINT
I2C interrupt event
17
Reserved
Reserved
18
AEASYNCERR event
EMIFA Error Interrupt event
19
TINT2L
Timer interrupt low event
20
TINT2H
Timer interrupt high event
21
TINT3L
Timer interrupt low event
22
TINT3H
Timer interrupt high event
23
PSCINT
PSC-ALLINT event
24
TPCC_GINT
EDMA3 channel global completion interrupt event
25
SPIINT0
SPI Interrupt
26
SPIINT1
SPI Interrupt
27
DSQINT
VICP – Sqr (DSP int)
28
IMXINT
VICP – IMX
29
VLCDINT
VICP - VLCD
30 -31
Reserved
Reserved
32
RX_PULSE
Ethernet Subsystem RX pulse interrupt event
33
RX_THRESH_PULSE
Ethernet Subsystem RX threshold interrupt event
34
TX_PULSE
Ethernet Subsystem TX pulse interrupt event
35
MISC_PULSE
Ethernet Subsystem MISC pulse interrupt event
36
UART_INT
UART Interrupt
37
VP0_INT
VP0 Interrupt
38
VP1_INT
VP1 Interrupt
39
VP2_INT
VP2 Interrupt
40
VP3_INT
VP3 Interrupt
96
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More