Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TNETV1644ZDU6 Fiches technique(PDF) 245 Page - Texas Instruments

Click here to check the latest version.
No de pièce TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Fiches technique(HTML) 245 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 241Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 242Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 243Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 244Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 245Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 246Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 247Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 248Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 249Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 306 page
background image
HAS(D)
HCNTL[1:0]
HR/W
HHWIL
HSTROBE(A)(C)
HCS
HD[15:0]
(input)
HRDY(B)
2
1
2
1
1
2
2
1
2
1
1
2
3
4
3
11
12
18
13
5
18
5
11
12
13
2nd Half-Word
1st Half-Word
A. HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS.
B. Depending on the type of write or read operation (HPID without auto-incrementing; HPIA, HPIC, or HPID with auto-incrementing) and the
state of the FIFO, transitions on HRDY may or may not occur.
For more detailed information on the HPI peripheral, see the TMS320DM643x Host Port Interface (HPI) User’s Guide (literature number
SPRU998).
C. HCS reflects typical HCS behavior when HSTROBE assertion is caused by HDS1 or HDS2. HCS timing requirements are reflected by
parameters for HSTROBE.
D
For proper HPI operation, HAS must be pulled up via an external resistor.
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Figure 6-33. HPI16 Write Timing (HAS Not Used, Tied High)
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More