Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TNETV1644ZDU6 Fiches technique(PDF) 244 Page - Texas Instruments

Click here to check the latest version.
No de pièce TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Fiches technique(HTML) 244 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 240Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 241Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 242Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 243Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 244Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 245Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 246Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 247Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 248Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 306 page
background image
HCS
HAS(D)
HCNTL[1:0]
HR/W
HHWIL
HSTROBE(A)(C)
HD[15:0]
(output)
HRDY(B)
1
2
1
2
1
2
5
6
3
4
3
1
2
1
2
1
2
8
14
15
14
8
7
1st Half-Word
2nd Half-Word
6
13
15
A. HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS.
B. Depending on the type of write or read operation (HPID without auto-incrementing; HPIA, HPIC, or HPID with
auto-incrementing)and the state of the FIFO, transitions on HRDY may or may not occur.
For more detailed information on the HPI peripheral, see the TMS320DM643x Host Port Interface (HPI) User’s Guide
(literature number SPRU998).
C. HCS reflects typical HCS behavior when HSTROBE assertion is caused by HDS1 or HDS2. HCS timing requirements are
reflected by parameters for HSTROBE.
D
For proper HPI operation, HAS must be pulled up via an external resistor.
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Figure 6-32. HPI16 Read Timing (HAS Not Used, Tied High)
244
Peripheral Information and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More