Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TNETV1647GSTZWT Fiches technique(PDF) 116 Page - Texas Instruments

Click here to check the latest version.
No de pièce TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Fiches technique(HTML) 116 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 112Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 113Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 114Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 115Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 116Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 117Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 118Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 119Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
Table 6-20. DM6441 ARM Interrupts
ARM
ARM
INTERRUPT
ACRONYM
SOURCE
INTERRUPT
ACRONYM
SOURCE
NUMBER
NUMBER
0
VDINT0
VPSS CCDC 0
32
TINT0
Timer 0 – TINT12
1
VDINT1
VPSS CCDC 1
33
TINT1
Timer 0 – TINT34
2
VDINT2
VPSS CCDC 2
34
TINT2
Timer 1 – TINT12
3
HISTINT
VPSS Histogram
35
TINT3
Timer 1 – TINT34
4
H3AINT
VPSS AE/AWB/AF
36
PWMINT0
PWM 0
5
PRVUINT
VPSS Previewer
37
PWMINT1
PWM 1
6
RSZINT
VPSS Resizer
38
PWMINT2
PWM 2
7
VFOVINT
VPSS VPFE
39
I2CINT
I2C
7
-
Reserved
39
I2CINT
I2C
8
VENCINT
VPSS VPBE
40
UARTINT0
UART 0
9
ASQINT
VICP Sqr (ARM int)
41
UARTINT1
UART 1
10
IMXINT
VICP IMX
42
UARTINT2
UART 2
11
VLCDINT
VICP VLCD
43
SPINT0
SPI
12
USBINT
USB
44
SPINT1
SPI
13
EMACINT
EMAC Memory Controller
45
-
Reserved
14
-
Reserved
46
DSP2ARM0
DSP Controller to ARM 0
15
-
Reserved
47
DSP2ARM1
DSP Controller to ARM 1
16
EDMA3CC_INT0
EDMA3 CC Region 0
48
GPIO0
GPIO 0
17
EDMA3CC_ERRINT
EDMA3 CC Error
49
GPIO1
GPIO 1
18
EDMA3TC_ERRINT0
EDMA3 TC 0 Error
50
GPIO2
GPIO 2
19
EDMA3TC_ERRINT1
EDMA3 TC 1 Error
51
GPIO3
GPIO 3
20
PSCINT
PSC ALLINT
52
GPIO4
GPIO 4
21
-
Reserved
53
GPIO5
GPIO 5
22
IDEINT
ATA / IDE
54
GPIO6
GPIO 6
23
HPINT
HPI
55
GPIO7
GPIO 7
24
ASPXINT
ASP Transmit
56
GPIOBNK0
GPIO Bank 0
25
ASPRINT
ASP Receive
57
GPIOBNK1
GPIO Bank 1
26
MMCINT
MMC
58
GPIOBNK2
GPIO Bank 2
27
SDIOINT
SD
59
GPIOBNK3
GPIO Bank 3
MSINT
Memory Stick/Memory
GPIOBNK4
GPIO Bank 4
28
60
Stick PRO
29
DDRINT
DDR2 Memory Controller
61
COMMTX
ARMSS
30
EMIFAINT
EMIFA
62
COMMRX
ARMSS
31
VLQINT
VLYNQ
63
EMUINT
E2ICE
116
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More