| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETV1647GSTZWT Fiches technique(PDF) 83 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1647GSTZWT Fiches technique(HTML) 83 Page - Texas Instruments |
|
83 / 236 page ![]() TMS320DM6441 www.ti.com SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010 3.5.6.8 PWM, RGB888, and GPIO Pin Multiplexing Table 3-29 shows the PWM0/1/2 pin multiplexing. Each PWM output is independently controlled by its own enable bit. The PWM function has priority over RGB888 muxing [see Section 3.5.6.3, VPBE (RGB666 and RGB888) and GPIO Pin Multiplexing]. Table 3-29. PWM0/1/2, RGB888, and GPIO Pin Multiplexing PINMUX1 REGISTER BIT FIELDS MULTIPLEXED PINS PWM2/ PWM1/ PWM0/ PWM2 PWM1 PWM0 RGB888 B2/ R2/ GPIO[45] GPIO[47] GPIO[46] 0 0 0 0 GPIO[47] GPIO[46] GPIO[45] 0 0 0 1 B2 R2 GPIO[45] - - 1 - - - PWM0 - 1 - - - PWM1 - 1 - - - PWM2 - - Copyright © 2006–2010, Texas Instruments Incorporated Device Configurations 83 Submit Documentation Feedback Product Folder Link(s): TMS320DM6441 |