Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMV321IDBVT Fiches technique(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMV321IDBVT
Description  Low-Voltage Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321IDBVT Fiches technique(HTML) 29 Page - Texas Instruments

Back Button LMV321IDBVT Datasheet HTML 25Page - Texas Instruments LMV321IDBVT Datasheet HTML 26Page - Texas Instruments LMV321IDBVT Datasheet HTML 27Page - Texas Instruments LMV321IDBVT Datasheet HTML 28Page - Texas Instruments LMV321IDBVT Datasheet HTML 29Page - Texas Instruments LMV321IDBVT Datasheet HTML 30Page - Texas Instruments LMV321IDBVT Datasheet HTML 31Page - Texas Instruments LMV321IDBVT Datasheet HTML 32Page - Texas Instruments LMV321IDBVT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LMV358IDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LMV358IDR
SOIC
D
8
2500
330.0
12.8
6.4
5.2
2.1
8.0
12.0
Q1
LMV358IDRG4
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LMV358IPWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
LMV358IPWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
LMV358IPWRG4
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
LMV358QDDUR
VSSOP
DDU
8
3000
180.0
8.4
2.25
3.35
1.05
4.0
8.0
Q3
LMV358QDGKR
VSSOP
DGK
8
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LMV358QDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LMV358QPWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LMV321IDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
LMV321IDBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
LMV321IDCKR
SC70
DCK
5
3000
180.0
180.0
18.0
LMV321IDCKR
SC70
DCK
5
3000
205.0
200.0
33.0
LMV321IDCKT
SC70
DCK
5
250
205.0
200.0
33.0
LMV321IDCKT
SC70
DCK
5
250
180.0
180.0
18.0
LMV324IDR
SOIC
D
14
2500
333.2
345.9
28.6
PACKAGE MATERIALS INFORMATION
www.ti.com
3-Dec-2016
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48