Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP16CPPS05PTR Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STP16CPPS05PTR
Description  Low voltage 16-bit constant current LED sink driver with auto power-saving
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPPS05PTR Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STP16CPPS05PTR Datasheet HTML 20Page - STMicroelectronics STP16CPPS05PTR Datasheet HTML 21Page - STMicroelectronics STP16CPPS05PTR Datasheet HTML 22Page - STMicroelectronics STP16CPPS05PTR Datasheet HTML 23Page - STMicroelectronics STP16CPPS05PTR Datasheet HTML 24Page - STMicroelectronics STP16CPPS05PTR Datasheet HTML 25Page - STMicroelectronics STP16CPPS05PTR Datasheet HTML 26Page - STMicroelectronics STP16CPPS05PTR Datasheet HTML 27Page - STMicroelectronics STP16CPPS05PTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Package information
STP16CPPS05
24/31
DocID16536 Rev 4
Table 14: SO-24 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
2.35
2.65
A1
0.10
0.30
B
0.33
0.51
C
0.23
0.32
D
15.20
15.60
E
7.40
7.60
e
1.27
H
10.00
10.65
h
0.25
0.75
L
0.40
1.27
k
0
8
ddd
0.10
8.3
TSSOP24 package information
Figure 22: TSSOP24 package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31