Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP16C596ATTR Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STP16C596ATTR
Description  16-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16C596ATTR Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STP16C596ATTR Datasheet HTML 9Page - STMicroelectronics STP16C596ATTR Datasheet HTML 10Page - STMicroelectronics STP16C596ATTR Datasheet HTML 11Page - STMicroelectronics STP16C596ATTR Datasheet HTML 12Page - STMicroelectronics STP16C596ATTR Datasheet HTML 13Page - STMicroelectronics STP16C596ATTR Datasheet HTML 14Page - STMicroelectronics STP16C596ATTR Datasheet HTML 15Page - STMicroelectronics STP16C596ATTR Datasheet HTML 16Page - STMicroelectronics STP16C596ATTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
STP16C596A
13/18
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.2
0.047
A1
0.15
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0089
D
7.7
7.8
7.9
0.303
0.307
0.311
D1
2.7
0.106
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.5
0.169
0.173
0.177
E2
1.5
0.059
e
0.65
0.0256
K0°
8°
0°
8°
L
0.45
0.60
0.75
0.018
0.024
0.030
TSSOP24 EXPOSED PAD MECHANICAL DATA
7100778C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18