Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP4CMP Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce STP4CMP
Description  Low voltage 4-channel constant current LED driver with charge pump
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4CMP Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button STP4CMP Datasheet HTML 11Page - STMicroelectronics STP4CMP Datasheet HTML 12Page - STMicroelectronics STP4CMP Datasheet HTML 13Page - STMicroelectronics STP4CMP Datasheet HTML 14Page - STMicroelectronics STP4CMP Datasheet HTML 15Page - STMicroelectronics STP4CMP Datasheet HTML 16Page - STMicroelectronics STP4CMP Datasheet HTML 17Page - STMicroelectronics STP4CMP Datasheet HTML 18Page - STMicroelectronics STP4CMP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
STP4CMP
PCB layout
DocID15770 Rev 3
15/24
7
PCB layout
7.1
Recommended
The STP4CMP is a charge pump power device so it requires a proper PCB layout in order
to obtain the necessary stability and optimize line/load regulation and output voltage ripple.
Input, output, and boost capacitors must be as close as possible to their relative pins.
Figure 9: Top layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24