| Moteur de recherche de fiches techniques de composants électroniques |
|
STM6700 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6700 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 20 page ![]() Functional description STM6700, STM6710 4/20 DocID16887 Rev 3 2 Functional description Figure 1. Functional block diagram 1. The STM6700 and STM6710Q are powered via the V2IN input which is the supply voltage. When this pin is VCC, the input is not monitored. Figure 2. Logic diagram 1. Open drain V1IN V2IN / VCC STM6700 V4IN RESET (1) STM6710 AM04617v1 V3IN |