Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLUX385 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STLUX385
Description  Extended instruction set
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STLUX385 Datasheet HTML 2Page - STMicroelectronics STLUX385 Datasheet HTML 3Page - STMicroelectronics STLUX385 Datasheet HTML 4Page - STMicroelectronics STLUX385 Datasheet HTML 5Page - STMicroelectronics STLUX385 Datasheet HTML 6Page - STMicroelectronics STLUX385 Datasheet HTML 7Page - STMicroelectronics STLUX385 Datasheet HTML 8Page - STMicroelectronics STLUX385 Datasheet HTML 9Page - STMicroelectronics STLUX385 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
STLUX385
Package mechanical data
Doc ID 024169 Rev 2
7/10
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK
®
packages, depending on their level of environmental compliance. ECOPACK
®
specifications, grade definitions and product status are available at:
www.st.com.
ECOPACK
®
is an ST trademark.
Table 2.
TSSOP38 mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
1.20
A1
0.05
0.15
A2
0.80
1.00
1.05
b0.17
0.27
c0.09
0.20
D
9.60
9.70
9.80
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
e0.50
L
0.45
0.60
0.75
L1
1.00
k0
8
aaa
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10