Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STL128DFP Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STL128DFP
Description  Low spread of dynamic parameters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL128DFP Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STL128DFP Datasheet HTML 4Page - STMicroelectronics STL128DFP Datasheet HTML 5Page - STMicroelectronics STL128DFP Datasheet HTML 6Page - STMicroelectronics STL128DFP Datasheet HTML 7Page - STMicroelectronics STL128DFP Datasheet HTML 8Page - STMicroelectronics STL128DFP Datasheet HTML 9Page - STMicroelectronics STL128DFP Datasheet HTML 10Page - STMicroelectronics STL128DFP Datasheet HTML 11Page - STMicroelectronics STL128DFP Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package mechanical data
STL128D
10/12
Doc ID 018977 Rev 1
Figure 14.
TO-220FP drawing
Table 6.
TO-220FP mechanical data
Dim.
mm.
Min.
Typ.
Max.
A4.4
4.6
B2.5
2.7
D
2.5
2.75
E0.45
0.7
F0.75
1
F1
1.15
1.70
F2
1.15
1.70
G4.95
5.2
G1
2.4
2.7
H
10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
Dia
3
3.2
7012510_Rev_K
A
B
H
Dia
L7
D
E
L6
L5
L2
L3
L4
F1
F2
F
G
G1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12