Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STL30P3LLH6 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STL30P3LLH6
Description  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL30P3LLH6 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STL30P3LLH6 Datasheet HTML 7Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 8Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 9Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 10Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 11Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 12Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 13Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 14Page - STMicroelectronics STL30P3LLH6 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DocID023669 Rev 3
11/15
STL30P3LLH6
Package mechanical data
Figure 17. Recommended footprint
Table 8. PowerFLAT 5x6 type S-R mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
1.00
A1
0.02
0.05
A2
0.25
b
0.30
0.50
D
5.00
5.20
5.40
E
5.95
6.15
6.35
D2
4.11
4.31
E2
3.50
3.70
e1.27
L
0.60
0.80
K
1.275
1.575
Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15