Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STL19N60DM2 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STL19N60DM2
Description  Fast-recovery body diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL19N60DM2 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STL19N60DM2 Datasheet HTML 5Page - STMicroelectronics STL19N60DM2 Datasheet HTML 6Page - STMicroelectronics STL19N60DM2 Datasheet HTML 7Page - STMicroelectronics STL19N60DM2 Datasheet HTML 8Page - STMicroelectronics STL19N60DM2 Datasheet HTML 9Page - STMicroelectronics STL19N60DM2 Datasheet HTML 10Page - STMicroelectronics STL19N60DM2 Datasheet HTML 11Page - STMicroelectronics STL19N60DM2 Datasheet HTML 12Page - STMicroelectronics STL19N60DM2 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DocID026785 Rev 1
9/13
STL19N60DM2
Package mechanical data
13
Figure 9. PowerFLAT™ 8x8 HV recommended footprint (dimensions in mm.)
Table 8. PowerFLAT™ 8x8 HV mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
b
0.95
1.00
1.05
D8.00
E8.00
D2
7.05
7.20
7.30
E2
4.15
4.30
4.40
e2.00
L
0.40
0.50
0.60
8222871_REV_C_footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13