Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STL13N60M2 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STL13N60M2
Description  Low gate input resistance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL13N60M2 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STL13N60M2 Datasheet HTML 8Page - STMicroelectronics STL13N60M2 Datasheet HTML 9Page - STMicroelectronics STL13N60M2 Datasheet HTML 10Page - STMicroelectronics STL13N60M2 Datasheet HTML 11Page - STMicroelectronics STL13N60M2 Datasheet HTML 12Page - STMicroelectronics STL13N60M2 Datasheet HTML 13Page - STMicroelectronics STL13N60M2 Datasheet HTML 14Page - STMicroelectronics STL13N60M2 Datasheet HTML 15Page - STMicroelectronics STL13N60M2 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DocID026363 Rev 2
13/16
STL13N60M2
Packaging mechanical data
16
5
Packaging mechanical data
Figure 22. PowerFLAT™ 5x6 tape(a)
Figure 23. PowerFLAT™ 5x6 package orientation in carrier tape.
a.
All dimensions are in millimeters.
Measured from centerline of sprocket hole
to centerline of pocket.
Cumulative tolerance of 10 sprocket
holes is ± 0.20 .
Measured from centerline of sprocket
hole to centerline of pocket.
(I)
(II)
(III)
2
2.0±0.1 (I)
Ko (1.20±0.1)
±0.05)
Ø1.5 MIN.
Ø1.55±0.05
P
Ao(6.30±0.1)
1.75±0.1
4.0±0.1 (II)
P 0
Y
Y
SECTION Y-Y
C
L
P1(8.00±0.1)
Do
D1
E1
(0.30
T
REF
.R0.50
Base and bulk quantity 3000 pcs
8234350_Tape_rev_C
Pin 1
identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16